Part Number Hot Search : 
2N6073B 54193 AD542KH 28F160 2SC4269 CXH16 CVA6627S KIA7924F
Product Description
Full Text Search
 

To Download 5082-2300SERIES Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  3-52 schottky barrier diodes for general purpose applications technical data features ? low turn-on voltage as low as 0.34 v at 1 ma ? pico second switching speed ? high breakdown voltage up to 70 v ? matched characteristics available description/applications the 1n5711, 1n5712, 5082-2800/ 10/11 are passivated schottky barrier diodes which use a patented guard ring design to achieve a high breakdown voltage. packaged in a low cost glass package, they are well suited for high level detecting, mixing, switching, gating, log or a-d converting, video detecting, frequency discriminating, sampling, and wave shaping. the 5082-2835 is a passivated schottky diode in a low cost glass package. it is optimized for low turn-on voltage. the 5082-2835 is particularly well suited for the uhf mixing needs of the catv marketplace. the 5082-2300 and 2900 series devices are unpassivated schottky diodes in a glass package. these diodes have extremely low 1/f noise and are ideal for low noise mixing, and high sensitivity detecting. they are particularly well suited for use in doppler or narrow band video receivers. 1n5711 1n5712 5082-2300 series 5082-2800 series 5082-2900 series 0.41 (.016) 0.36 (.014) 25.4 (1.00) min. 25.4 (1.00) min. 1.93 (.076) 1.73 (.068) cathode dimensions in millimeters and (inches). 4.32 (.170) 3.81 (.150) outline 15 maximum ratings junction operating and storage temperature range 5082-2303, -2900 ......................................................... -60 c to +100 c 1n5711, 1n5712, 5082-2800/10/11 ............................... -65 c to +200 c 5082-2835 .................................................................. -60 c to +150 c dc power dissipation (measured in an infinite heat sink at t case = 25 c) derate linearly to zero at maximum rated temperature 5082-2303, -2900 ..................................................................... 100 mw 1n5711, 1n5712, 5082-2800/10/11 ........................................... 250 mw 5082-2835 .............................................................................. 150 mw peak inverse voltage ........................................................................ v br 5966-0930e
3-53 package characteristics outline 15 lead material .............................................................................. dumet lead finish ..................................................................... 95-5% tin-lead max. soldering temperature ........................................... 260 c for 5 sec min. lead strength ............................................................ 4 pounds pull typical package inductance 1n5711, 1n5712: ....................................................................... 2.0 nh 2800 series: .............................................................................. 2.0 nh 2300, 2900 series: ..................................................................... 3.0 nh typical package capacitance 1n5711, 1n5712: ....................................................................... 0.2 pf 2800 series: .............................................................................. 0.2 pf 2300, 2900 series: .................................................................... 0.07 pf the leads on the outline 15 package should be restricted so that the bend starts at least 1/16 inch from the glass body. outline 15 diodes are available on tape and reel. the tape and reel specification is patterned after rs-296-d. electrical specifications at t a = 25 c general purpose diodes min. max. v f = 1 v max. max. max. breakdown forward at forward reverse leakage capaci- part package voltage voltage current current tance number outline v br (v) v f (mv) i f (ma) i r (na) at v r (v) c t (pf) 5082-2800 15 70 410 15 200 50 2.0 1n5711 15 70 410 15 200 50 2.0 5082-2810 15 20 410 35 100 15 1.2 1n5712 15 20 550 35 150 16 1.2 5082-2811 15 15 410 20 100 8 1.2 5082-2835 15 8* 340 10* 100 1 1.0 test i r = 10 m ai f = 1 ma *v f = 0.45 v v r = 0 v conditions *i r = 100 m a f =1.0 mhz note: effective carrier lifetime ( t ) for all these diodes is 100 ps maximum measured with krakauer method at 5 ma except for 5082-2835 which is measured at 20 ma.
3-54 low 1/f (flicker) noise diodes min. max. v f = 1 v max. max. max. part breakdown forward at forward reverse leakage capaci- number package voltage voltage current current tance 5082- outline v br (v) v f (mv) i f (ma) i r (na) at v r (v) c t (pf) 2303 15 20 400 35 500 15 1.0 2900 15 10 400 20 100 5 1.2 test i r = 10 m ai f = 1 ma v r = 0 v conditions f =1.0 mhz note: effective carrier lifetime ( t ) for all these diodes is 100 ps maximum measured with krakauer method at 20 ma. matched pairs and quads basic matched matched part number pair quad batch 5082- unconnected unconnected matched [1] test conditions 2900 5082-2912 5082-2970 d v f at i f = 1.0, 10 ma d v f = 30 mv d v f = 30 mv 2800 5082-2804 5082-2805 d v f at i f = 0.5, 5 ma d v f = 20 mv d v f = 20 mv *i f = 10 ma d c o at f = 1.0 mhz 2811 5082-2826 d v f at i f = 10 ma d v f = 10 mv d c o at f = 1.0 mhz d c o = 0.1 pf 2835 5082-2080 d v f at i f =10 ma d v f = 10 mv d c o at f = 1.0 mhz d c o = 0.1 pf note: 1. batch matched devices have a minimum batch size of 50 devices. spice parameters parameter units 5082-2800 5082-2810 5082-2811 5082-2835 5082-2303 5082-2900 b v v 75 25 18 9 25 10 c j0 pf 1.6 0.8 1.0 0.7 0.7 1.1 e g ev 0.69 0.69 0.69 0.69 0.69 0.69 i bv a 10e - 5 10e - 5 10e - 5 10e - 5 10e - 5 10e - 5 i s a 2.2 x 10e - 9 1.1 x 10e - 9 0.3 x 10e - 8 2.2 x 10e - 8 7 x 1.0e-9 10e-8 n 1.08 1.08 1.08 1.08 1.08 1.08 r s w 25 10 10 5 10 15 p b v 0.6 0.6 0.6 0.56 0.64 0.64 p t 2222 22 m 0.5 0.5 0.5 0.5 0.5 0.5
3-55 typical parameters v f ?forward voltage (v) figure 1. i-v curve showing typical temperature variation for 5082-2300 and 5082-2900 series schottky diodes. 100 10 1 0.1 0.01 i f - forward current (ma) 0 0.10 0.20 0.30 0.40 0.50 0.60 100 c 50 c 25 c 0 c ?0 c v br (v) figure 2. 5082-2300 series typical reverse current vs. reverse voltage at various temperatures. 10.000 1,000 100 10 1 i r (na) 0 5 10 15 100 75 50 25 t a = 25 c i f - forward current (ma) figure 3. 5082-2300 series and 5082-2900 series typical dynamic resistance (r d ) vs. forward current (i f ). 1000 100 10 r d - dynamic resistance ( ) 0.01 0 10 100 v r - reverse voltage (v) figure 4. 5082-2300 and 5082-2900 series typical capacitance vs. reverse voltage. 1.2 1.0 0.8 0.6 0.4 0.2 0 c t - capacitance (pf) 0 4 8 121620 5082-2900 5082-2303 v f - forward voltage (v) figure 5. i-v curve showing typical temperature variation for 5082-2800 or 1n5711 schottky diodes. 50 10 5 1 0.5 0.1 0.05 0.01 i f - forward current (ma) 0 0.2 0.4 0.6 0.8 1.0 1.2 ?0 c 0 c +25 c +100 c +150 c +50 c v r - reverse voltage (v) figure 6. (5082-2800 or 1n5711) typical variation of reverse current (i r ) vs. reverse voltage (v r ) at various temperatures. 100,000 10,000 1000 100 10 1 i r - reverse current (na) 0 0.2 0.4 0.6 0.8 1.0 1.2 150 125 100 50 25 75 0 t a = c v r - reverse voltage (v) figure 7. (5082-2800 or 1n5711) typical capacitance (c t ) vs. reverse voltage (v r ). 12.0 1.5 1.0 0.5 0 c t - capacitance (pf) 01020304050 v f - forward voltage (v) figure 8. i-v curve showing typical temperature variation for the 5082- 2810 or 1n5712 schottky diode. 100 10 1.0 0.1 0.01 i f - forward current (ma) 0 0.4 0.2 0.6 0.8 1.0 1.2 ?0 c 0 c +25 c +50 c +100 c +150 c v r - reverse voltage (v) figure 9. (5082-2810 or in5712) typical variation of reverse current (i r ) vs. reverse voltage (v r ) at various temperatures. 10,000 1000 100 10 1.0 i r - reverse current (na) 010 515202530 150 125 100 75 50 25 t a = c
3-56 typical parameters, continued v f - forward voltage (v) figure 10. i-v curve showing typical temperature variation for the 5082-2811 schottky diode. 100 10 1.0 0.1 0.01 i f - forward current (ma) 0 0.4 0.2 0.6 0.8 1.0 1.2 ?0 c 0 c +25 c +50 c +100 c +150 c v r - reverse voltage (v) figure 11. (5082-2811) typical variation of reverse current (i r ) vs. reverse voltage (v r ) at various temperatures. 100,000 10,000 1000 100 10 1 i r - reverse current (na) 0 5 10 15 20 25 30 150 100 50 25 t a = c v f - forward voltage (v) figure 12. i-v curve showing typical temperature variations for 5082-2835 schottky diode. 100 10 1.0 0.1 0.01 i f - forward current (ma) 0 0.2 0.4 0.6 0.8 1.0 1.2 ?0 c 0 c +25 c +50 c +100 c +150 c v r - reverse voltage (v) figure 13. (5082-2835) typical variation of reverse current (i r ) vs. reverse voltage (v r ) at various temperatures. 100,000 10,000 1000 100 10 1 i r - reverse current (na) 01 23 4 5 6 +150 c +125 c +100 c +75 c +50 c +25 c v r - reverse voltage (v) figure 14. typical capacitance (c t ) vs. reverse voltage (v r ). 11.4 1.2 1.0 0.8 0.6 0.4 0.2 0 c t - capacitance (pf) 0246810 5082-2810/2811 in5712 5082-2835 i f - forward current (ma) figure 15. typical dynamic resistance (r d ) vs. forward current (i f ). 1000 100 10 1 r d - dynamic resistance ( ) 0246810 5082-2800, 1n5711 5082-2811 5082-2811 1n5712 5082-2835 diode package marking hpx xxx yzz where xxx are the last three digits of the 5082-xxxx part number, y is the last digit of the calendar year, and zz is the work week of manufacture. for example, a 5082-2811 manufactured during the 35th work week of 1996 would be marked hp2 811 635


▲Up To Search▲   

 
Price & Availability of 5082-2300SERIES

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X